PART |
Description |
Maker |
3B40-00 3B40-01 3B40-02 3B40-03 3B41-03 3B40 3B41 |
Isolated Wideband Voltage Input SPECIALTY ANALOG CIRCUIT, XMA Isolated Wide Bandwidth millivolt Input Signal Conditioning Module Isolated Wide Bandwidth Volt Input Signal Conditioning Module
|
Analog Devices, Inc. AD[Analog Devices]
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
X7AH-07A1A0 S7AH-07A1A0 V7AH-07A1A0 |
NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 1-OUTPUT 23.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 非隔离式DC / DC转换2 V输入0.9 V.3 7 A输出
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
5B38-04 5B38-05 5B38-02 5B38 |
Isolated Strain Gage Input Signal Conditioning Module Isolated, Wide-Bandwidth Strain Gage Input
|
AD[Analog Devices]
|
3B32-CUSTOM 3B32 3B32-00 3B32-01 3B32-02 3B32-15 |
Isolated, Process Current Input Isolated/ Process Current Input 60V 1A SCHOTTKY RECTIFIER SMB
|
AD[Analog Devices] Analog Devices, Inc.
|
VRBC-16F1AL VRBC-16F1A0 VRBC-16F1AW VRBC-16F1AX |
NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 1-OUTPUT 58.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 非隔离式DC / DC转换.4 5.5 V输入0.75 3.63 V/16A输出
|
Bel Fuse, Inc. Bel Fuse Inc.
|
P6MU-XXXXZH40 P6MU-0505ZH40 P6MU-053R3ZH40 P6MU-12 |
Input voltage:24V, output voltage /-7.2V ( /-69mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output 4 KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14 4千伏隔震1W的未稳压双输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
7B41-02-1 7B41-01-1 7B41-01-2 7B41-08-2 7B41 7B41- |
Wide Band Isolation Input Module Isolated, Voltage or Current Input
|
AD[Analog Devices]
|
1960004544 1960005788 USB-4718 |
8-ch Thermocouple Input USB Module with 8-ch Isolated Digital Input
|
Advantech Co., Ltd.
|
S7DB-10E100 S7DB-10E50H S7DB-10E500 S7DB-10E18H S7 |
NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A 1-OUTPUT 10 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A 1-OUTPUT 50 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A 1-OUTPUT 18 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A 1-OUTPUT 15 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A 1-OUTPUT 12 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A 非隔离式DC / DC转换.5V - 13.2V的输 1.0V 5.0V输出/ 10A
|
Bel Fuse, Inc.
|